PART |
Description |
Maker |
801-012-02ZB5-3CA 801-012-03ZB5-3CA 801-012-07ZB5- |
Double-Start ACME Thread 4 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 13 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE CONNECTOR ACCESSORY 1 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 2 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE 85 CONTACT(S), STAINLESS STEEL, MALE, CIRCULAR CONNECTOR, SOLDER, RECEPTACLE
|
Glenair, Inc. http:// GLENAIR INC
|
SMAJ24A-TR SMAJ188A-TR SMAJ188CA-TR SMAJ18A-TR SMA |
TRANSILTM Precision Virtual Ground 8-SO TRANSILTM TRANSILTM TRANSILTM TRANSILTM(TRANSIL二极 8-Input Multiplexer 16-SOIC -55 to 125 JT 3C 3#16 SKT RECP Dual 4-Input Multiplexers 16-SOIC -55 to 125 Octal Non-Inverting Bus Transceivers with 3-State Outputs 20-SOIC -55 to 125 Quad 2-Input NOR Gates 14-PDIP -55 to 125 3-Line to 8-Line Inverting Decoders/Demultiplexers 16-PDIP -55 to 125 Quad 2-Input Exclusive-OR Gates 14-SOIC -55 to 125 4-Bit Binary Full Adder with Fast Carry 16-PDIP -55 to 125 From old datasheet system
|
STMicroelectronics N.V. Micro Commercial Components, Corp. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
HER103G HER107G HER105G HER104G HER103 HER101 HER1 |
Octal Buffers And Line Drivers With 3-State Outputs 20-LCCC -55 to 125 1A HIGH EFFICIENCY GPP DIODES 1A高效玻璃钝化二极 Asynchronous 14-Bit Binary Counters 16-CDIP -55 to 125 A高效玻璃钝化二极 Octal D-type Transparent Latches With 3-State Outputs 20-CDIP -55 to 125 Quadruple 2-Input Positive-OR Gates 14-CFP -55 to 125
|
Leshan Radio Company, Ltd. 乐山无线电股份有限公 LRC[Leshan Radio Company]
|
HER103-T3 HER103-TB HER107 HER107-T3 HER107-TB HER |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 1.0A HIGH EFFICIENCY RECTIFIER Quadruple 2-Input Positive-OR Gates 14-CFP -55 to 125 Hex Bus Drivers With 3-State Outputs 16-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 8-Bit Addressable Latches 16-CDIP -55 to 125 Hex Bus Drivers With 3-State Outputs 20-LCCC -55 to 125 Dual 4-Bit Binary Counters 14-CFP -55 to 125 Dual 4-Input Positive-NOR Gates 20-LCCC -55 to 125 Asynchronous 12-Bit Binary Counters 16-CDIP -55 to 125 Octal D-type Transparent Latches With 3-State Outputs 20-LCCC -55 to 125 Triple 3-Input Positive-NOR Gates 14-CDIP Quadruple 2-Input Positive-OR Gates 20-LCCC -55 to 125 安培高速整流二极管
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
7010.9913.XX 7010.9902.XX 7010.9906.XX 7010.9905.X |
Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
|
Schurter Inc.
|
MKT 7010.9513.XX 7010.9514.XX 7010.9515.XX 7010.95 |
Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
|
Schurter Inc.
|
3404.0117.XX 3404.0112.XX 3404.0118.XX 3404.0120.X |
Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
|
Schurter Inc.
|
MSF |
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
|
Schurter Inc.
|
0034.4209 0034.4210 0034.4211 0034.4212 0034.4213 |
Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
|
Schurter Inc.
|
OMK125-18 |
Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
|
Schurter Inc.
|
TRSL-9110FAW TRSL-9110FW |
3.3V / 1310 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER 3.3 / 1310海里/ 2.125 Gbps的准系统立法X10单模收发
|
Optoway Technology, Inc.
|